Part Number Hot Search : 
NUF4401 R1500 KHJACA01 06780 SLD302XT SMS12 HMC26102 AT89LS51
Product Description
Full Text Search
 

To Download 1311T-BS001AQ12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hercules Encoders
Specifications
Mechanical
Shaft Speed Shaft Direction Standard Shaft Sizes (Dia.) Shaft Extension(s) Shaft Seals Mounting Bearings Radial Loading Axial Loading Accuracy Housing Weight (1000) Weight (3000) Connector 6000 RPM maximum Bidirectional .2497", .3747" 0.80" with .50x.05" flat Neoprene or PTFE Options Refer to dimensional drawings ABEC 5 Shielded 30 lbs. Operating 15 lbs. Operating +1.0 of Shaft Rotation Typical Black Anodized Aluminum Standard: 14 oz., Sealed: 19 oz. Standard: 17 oz., Sealed: 26 oz. 6 Pin MS3102 or 18" Cable Out
Series 1000/3000
Hall Effect Incremental Rotary Shaft Encoders
* Enclosure: Series 1000-2.25" Cube Series 3000-3''x3''x1.5'' NEMA 12/13 or NEMA 4 type Sealing Flush or Flanged Base * Inherent Anti-Jitter Circuitry prevents false outputs due to machine vibration * Internally and Externally Shielded ABEC 5 Stainless Steel Bearings * Low Supply Current Requirement - 15 mA typical per encoder, at 24Vdc * Operating Voltage Flexibility - 8 to 28 Vdc or 5 Vdc TTL Output * Ideally suited for low PPR needs in dirty environments, wide temperature ranges
Electrical
Pulse Rate 10 kHz, up to 200 kHz Outputs NPN w/pullup; NPN open collector; PNP sourcing Output Ratings Open Collector Transistor 40 Vdc maximum Supply Voltage 8 to 28 Vdc 5 Vdc with 5V TTL output Supply Current 15 mA maximum Current Sinking 250 mA maximum Output Duty Cycle 50/50 w/ +20% typical tolerance Tighter to +5% by spec Rise/Fall Times 1 sec typical, other options available
Environmental
Operating Temp. (1000) Operating Temp. (3000) Shock Vibration Humidity Enclosures (Sealed) (Std) -20 to +70 C (-4 to +158 F) -40 to +85 C (-40 to +185F) 50 g's for 11 Milliseconds 5 to 2000 Hertz at 20 g's 100% Relative Humidity NEMA 4 equiv. - Water-tight NEMA 12/13 equiv. -- Dust-, Oil-Tight
20
Electrical Connections
Function +V Common Channel A Channel B Index 6 Pin B A D E C Cable Out D F A B C Color Red Black Blue Brown White
Hercules
For the latest specifications visit our website www.herculesencoders.com
Dimensional Drawings
Series 1000 Standard call for sealed dimensions
Wire Drawings
Series 3000 Standard
call for sealed dimensions
Ordering Information
1
Series Shaft Diameter 1=1/4"(0.2497") 3=3/8" (0.3747) Shaft Extension 1=Single 2=Double Encoder Type _=Standard Encoder S=Sealed (Elastomer) T=Sealed (PTFE) Mounting Type 0=6-32 BHC on Ends 1=10-32 BHC on Shaft Ends & Base 2=Flanged Base (10-32 BHC on Shaft Ends) 3=No Holes on Base (10-32 BHC on Ends)
3
2
1
_
--
A
Q
030
AQ12
Channel Outputs A=NPN w/Pullup Res. B=NPN Open Collector D=1.5K Pullup, No Ser. R (18V Max) F=5Vdc w/Pullup Res. G=5Vdc Open Collector H=PNP Sourcing Outputs
Order the Secondary Channel like a Primary Channel
3
Series Shaft Diameter 1=1/4"(0.2497") 3=3/8" (0.3747) Shaft Extension 1=Single 2=Double
3
1
1
_
Encoder Type _=Standard Encoder S=Sealed (Elastomer) T=Sealed (PTFE)
--
A
Q
030
PPR (Pulses per Revolution) Channel Types "S" and "Q" 001 002 003 004 005 006 007 008 009 010 012 013 014 015 016 018 020 024 025 030 050 060 Added Channel Types "S" (Square Wave) 026 028 032 036 040 048 100 120
Mounting Type 1=10-32 BHC on Shaft Ends & Base 2=Flanged Base (BHC on Shaft Ends) 3=No Holes on Base (BHC on Shaft Ends)
Channel Outputs A=NPN w/Pullup Res. B=NPN Open Collector D=1.5K Pullup, No Ser. R (18V Max) F=5Vdc w/Pullup Res. G=5Vdc Open Collector H=PNP Sourcing Outputs Channel Types S=Single Channel Q=Quadrature Outputs
Hercules
Channel Types S=Single Channel Q=Quadrature Outputs Optional Index Channel or Add. Encoder I=Index Pulse (Same types of Channel Outputs)
PPR (Pulses per Revolution) Channel Types "S" and "Q" 001 002 003 004 005 006 007 008 009 010 012 015 018 020 025 030 Added Channel Types "S" (Square Wave) 014 016 024
Series 1000/3000
21


▲Up To Search▲   

 
Price & Availability of 1311T-BS001AQ12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X